Part Number Hot Search : 
F14468 ZD5242B 92315 D9003 1615A SFH460 C68HC KSR231
Product Description
Full Text Search
 

To Download 2SC3552 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3552
DESCRIPTION *High Breakdown Voltage *High Switching Speed *Wide Area of Safe Operation
APPLICATIONS *Designed for switching regulator applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
1100
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current- Continuous
12
A
ICM
Collector Current-Peak
30
A
IB
B
Base Current- Continuous
6
A
PC
Collector Power Dissipation @ TC=25
150
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)EBO V(BR)CBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 COB fT PARAMETER Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Output Capacitance Current-Gain--Bandwidth Product CONDITIONS IC= 5mA; RBE= IE= 1mA; IC= 0 IC= 1mA; IE= 0 IC= 6A; IB= 1.2A
B
2SC3552
MIN 800 7 1100
TYP.
MAX
UNIT V V V
2.0 1.5 10 10 10 8 215 15 40
V V A A
IC= 6A; IB= 1.2A
B
VCB= 800V ; IE= 0 VEB= 5V ; IC= 0 IC= 0.8A ; VCE= 5V IC= 4A ; VCE= 5V IE= 0; VCB= 10V; ftest=1.0MHz IC= 0.8A ; VCE= 10V
pF MHz
Switching Times ton tstg tf Turn-on Time Storage Time Fall Time IC= 8A , IB1= 1.6A; IB2= -3.2A RL= 500; VCC=400V 0.5 3.0 0.3 s s s
hFE-1 Classifications K 10-20 L 15-30 M 20-40
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3552

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X